Part Number Hot Search : 
MBR30045 0885274 VF8146 LTC3632 422PW10K D15XB80 EP1201 ECT25S32
Product Description
Full Text Search
 

To Download CE-1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
DC to DC Converters Non-insulation Type, Wide Input, SMD
CE-1050 Series
FEATURES * Wide input voltage range (DC.12 to 24V). * A thickness dimension is a low height of 54.5mm. * It is available in the wide temperature range from -20 to +85C. * Equipped with ON/OFF control feature * Available with a wide-range +3.3 to +12.6V output voltage variation feature * Equipped with overcurrent protection feature * Due to the shielding structure of five-side in metal, this series feature low EMI. * SMD type is available for feeding with both tray and taping. * It is a product conforming to RoHS directive. SPECIFICATIONS AND STANDARDS
Part No. Input voltage range Output current range1 Output voltage setting range2 Output voltage total variation3 Oscillating frequency Output ripple noise voltage4 Efficiency5 V A V % kHz mVp-p % ON V ON/OFF control voltage OFF V Overcurrent protection A 1 Input/output potential difference must be at least 4V. 2 When output voltage is set at 12V, it is 5% max. 3 When output voltage is set at 12V, it is 100mV max. 4 With 18V input voltage, 5V output voltage, 2.5A output current. 5 Derating may occur depending upon the output voltage. Vin Iout Vout CE-1050 +9 to +26.4 2.5max. +3.3 to +12.6 3.5max. 380typ. 50max. 90typ. 6max./3min. 0.6max./0min. 3.5typ.
Conformity to RoHS Directive
OUTPUT VOLTAGE SETTING METHOD By connecting a Rex external resistor, output voltage can be altered. It is not necessary to attach a Rex when using at a 5V output voltage. * To raise the output voltage: insert the Rex between pin 7 and 8
Rex = 13.31-Vout Vout-5 Unit: V, k
1 Vin 0.1F 2 3 4 OFF ON 5
10 9 8 7 6 0.1F Load Load Rex
COMMON SPECIFICATIONS
Operating temperature range Storage temperature range Humidity range -20 to +85C -20 to +85C 10 to 90(%)RH
* To lower the output voltage: insert the Rex between pin 8 and 9
Rex = 7.8xVout-13.31 5-Vout Unit: V, k
PRECAUTIONS * Since this product uses a multilayered board, it has moistureproof packaging.After opening, if the injector value is 30% or more, defects such as pattern breaking may occur during reflow, so be sure to perform baking procedures (JEDEC MSL level 3). Recommended baking conditions: once at 120C, 120minutes * This product cannot be cleaned. Use low-residue or non-cleaning type flux and refrain from cleaning. * The packaging type of this product is solely taping packaging. Packaging amount is 400 items/reel.
1 Vin 0.1F 2 3 4 OFF ON 5
10 9 8 7 6 Rex 0.1F
Output can be started and stopped by controlling terminal 5. Since this termina is pulled up via a 2A internal current source, by connecting a condenser, the start up time can be delayed. The delay time is approximately 0.3ms per 1000pF.
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. * All specifications are subject to change without notice. 001-02 / 20060214 / ea381_ce_1050.fm
(2/2)
SHAPES AND DIMENSIONS
1.50.2 1.40.2
RECOMMENDED PC BOARD PATTERN[TOP VIEW]
1.4 1.0 18.3 (22.7) 5.5max. P=20.2 Connect the case and GND using solder Tolerance: 0.2 Dimensions in mm 1.0 Dimensions in mm
1 2 3 4 5
CE-1050 TDK-XXXX Lot No. 21.30.3
10 9 8 7 6
17.7max.
P PP P
CIRCUIT DIAGRAM
1 Vin 0.1F 2 3 4 OFF
0.1min.
16.40.3
TERMINAL CONNECTIONS
10 9 8 7 6 0.1F Load
ON
5
When does not use ON/OFF control, please make it opening.
Input start-up time: less than 5ms (When it cannot satisfy this condition, please use ON/OFF terminal. And start with the conditions that input voltage was applied.) Added input inductor: less than 2.2H if added Added input condenser: added capacity 10 times or more of input inductor Added output capacity: Less than 100F If capacity is large, it may not start up. OUTPUT POWER - AMBIENT TEMPERATURE(DERATING) Vout=3.3V
3.00 2.75 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00
No. 1 2 3 4 5 6 7 8 9 10
Symbol Vin Vin GND GND ON/OFF GND GND Vset Vout Vout
Function Input voltage Input voltage Input GND Input GND Output ON/OFF terminal Output GND Output GND Output voltage variable terminal Output voltage Output voltage
Vout=5.0V
3.00 2.75 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00
Output current(A)
Vin=24V Vin=18V Vin=12V
Output current(A)
Vin=24V Vin=18V Vin=12V
0
10 20 30 40 50 60 70 80 90 Ambient temperature(C)
0
10 20 30 40 50 60 70 80 90 Ambient temperature(C)
Vout=9.0V
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
Vout=12V
1.6 1.4 Vin=24V Vin=18V Output current(A) 1.2 1.0 0.8 0.6 0.4 0.2 Vin=24V Vin=18V
Output current(A)
0
10 20 30 40 50 60 70 80 90 Ambient temperature(C)
0.0
0
10 20 30 40 50 60 70 80 90 Ambient temperature(C)
* All specifications are subject to change without notice. 001-02 / 20060214 / ea381_ce_1050.fm


▲Up To Search▲   

 
Price & Availability of CE-1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X